note: all specifications are subject to change without notice. 16-1 16 features specifications industrial chassis - rackmount 4u height 19 rackmount chassis 14-slot isa/ picmg bus passive backplanes standard ps2 at/atx or mini-redundant power supply 5.25 x 4 and 3.5/2.5 x 1 front access drive bay 3.5 x 2 internal drive bay dual lockable front doors for added protection usb2.0 x 2 and keyboard connector x 1 on front panel 4u 14-slot rackmount chassis, full-size/ half-size cpu cards support system construction 1.2 mm secc zinc-coated steel storage external: 3.5 drive bay x 1 5.25 drive bay x 4 internal: 3.5 drive bay x 2 system fan 12 cm ball bearing fan with removable filter x 1 front panel power on/off switch x 1 reset button x 1 power on led x 1 hard disk drive active led x 1 lan led x 1 usb port x 2 ps/2 keyboard x 1 rear panel at keyboard connector x 1 reserved cut-out for db-25 connector x 1 color black dimensions 19 (w) x 20.8 (d) x 7 (h) (482mm x 528mm x 177mm) carton size 21.6 (w) x 27 (d) x 12.4 (h) (548mm x 685mm x 315mm) net weight 26.4 lb (12 kg) gross weight 30.8 lb (14 kg) environmental operating temperature 32 f ~ 122f (0c ~ 50c) storage temperature -4f ~ 176f (-20c ~ 80c) operating humidity 10 ~ 90% storage humidity 10 ~ 90% @ 40c, non-condensing vibration 0.5 g rms/ 5 ~ 500 hz/ operation (2.5 hard disk drive) 1.5 g rms/ 5~ 500 hz/ non operation shock 15 g peak acceleration (11 m sec. duration), operation 30 g peak acceleration (11 m sec. duration), non operation emc ce/fcc class a air filter two usb ports drive bays support up to four 5.25 and one 3.5 or 2.5 hard disks power/ hard disk drive led supports 14-slot picmg backplanes ps/2 or mini redundant power supply hold-down bar two internal 3.5 drive bays ARC-645
16-2 dimension unit: mm passive backplane options model/name cpu level master interface tf-fsb-g41h socket lga 775, intel? core? 2 duo/ core? 2 quad (800/1066/1333) picmg 1.3 tf-fsb-960h socket lga 775, intel? core? 2 duo/ core? 2 quad (800/1066/1333) picmg 1.3 tf- fsb-860b socket 478, intel? p4/ celeron? up to 3.06 ghz (400/533 mhz) picmg tf- fsb-868g socket lga 775, intel? p4/ p-d/ celeron? d/ core? 2 duo (533/800/1066 mhz) picmg model/name description tf- ARC-645-b rackmount 4u chassis, bare for 14-slot backplane, ps2 power, ps_sw (atx), black cpu card options ordering information p/n description master interface slots power connector, atx extend function tf-bp-214sh-p3e2i6 rackmount, picmg 1.3, 14-slot backplane, 3 pci, 2 pci-e, 6 isa, single segment, atx picmg 1.3 3/2/6/2 (pci/pci-e/isa/picmg 1.3) atx tf-bp-208rh-p4e3 rackmount, picmg1.3 8-slot backplane, 4 pci, 3 pci-e, single segment, atx picmg 1.3 4/3/2 (pci/ pci-e/ picmg1.3) atx tf-bp-214sg-p4 rackmount, picmg 14-slot backplane, 4 pci/ 8 isa, single segment, at/atx, bulk pack picmg 4/9/2 (pci/ isa/ picmg) at, atx, 3-pin atx extend tf-bp-214sg-p7 rackmount, picmg 14-slot backplane, 7 pci/ 5 isa, single segment, at/atx, bulk pack picmg 7/6/2 (pci/ isa/ picmg) atx tf-bp-214sg-p12 rackmount, picmg 14-slot backplane, 12 pci/ 1 isa, single segment, at/atx, bulk pack picmg 12/1/2 (pci/ isa/ picmg) at, atx, 3-pin atx extend ARC-645 power supply options p/n type pfc support input voltage watt size 1757940014 atx active pfc auto 100-240v 400w ps2 tf-pw-r460-a-00 atx active pfc auto 100-240v 460w redundant ps2 112. 0 101. 6 481. 8 174. 9 disc s1 s1 disc re s et keyboar d keyboar d 528. 5 176. 3
|